PART |
Description |
Maker |
LGU2W820MELZ LGU2W820MELY LGU1C103MELA LGU1C103MEL |
Aluminum Snap-In Capacitor; Capacitance: 82uF; Voltage: 450V; Case Size: 22x30 mm; Packaging: Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 450 V, 82 uF, THROUGH HOLE MOUNT Aluminum Snap-In Capacitor; Capacitance: 82uF; Voltage: 450V; Case Size: 20x35 mm; Packaging: Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 450 V, 82 uF, THROUGH HOLE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 10000 uF, THROUGH HOLE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 12000 uF, THROUGH HOLE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 15000 uF, THROUGH HOLE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 18000 uF, THROUGH HOLE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 22000 uF, THROUGH HOLE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 27000 uF, THROUGH HOLE MOUNT Withstanding 3000 hours application of rated ripple current at 105°C.
|
Nichicon, Corp. Nichicon corporation
|
SQCB2M221JAJME KITSQ700LF KITSQ500LF KITSQ900LF KI |
SQCB2M221JAJME Microwave MLC’s Microwave MLCs SQ A Case & B Case Ultra Low ESR MLC SQ A Case & B Case Ultra Low ESR MLC
|
AVX Corporation
|
PWC2512-10KD PWC1206-10KD PWC1206-10KF PWC1206-10K |
Pulse Withstanding Chip Resistors 脉冲耐贴片电 Pulse Withstanding Chip Resistors RESISTOR, METAL GLAZE/THICK FILM, 1.5 W, 1 %, 100 ppm, 10000 ohm, SURFACE MOUNT, 2512 Pulse Withstanding Chip Resistors RESISTOR, METAL GLAZE/THICK FILM, 0.125 W, 1 %, 100 ppm, 10000 ohm, SURFACE MOUNT, 0805
|
Welwyn Components, Ltd. TT Electronics / Welwyn Welwyn Components Limited
|
03P6MG 03P4MG 03P4MG-T |
300 mA HIGH-WITHSTANDING-VOLTAGE MOLD SCR 300mA high-withstanding-voltage mold SCR
|
NEC Electronics NEC Corp. NEC[NEC]
|
HL02150GTTR |
High Withstanding Voltage
|
AVX Corporation
|
CPR2512O1001DE CPR2512O1001DF CPR2512O1004DE CPR06 |
Pulse Withstanding Thick Film Chip Resistor
|
MERITEK ELECTRONICS CORPORATION MERITEK ELECTRONICS COR...
|
MAX6412UK22-T MAX6413UK22-T MAX6414UK22-T MAX6418U |
Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 Quad Low-Capacitance Array With /-15-kV ESD Protection 5-SOT -40 to 85 低功耗、单/双电压、微处理器复位电路,带有电容可调的复位超时周 Low-Capacitance 4-Channel /-15-kV ESD Protection Array for High-Speed Data Interfaces 6-SOT -40 to 85 Low-Power Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay Low-Power / Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor Maxim Integrated Produc...
|
LLS2G101MELZ LLS1C563MELC LLS1C473MELC LLS1C473MEL |
Withstanding 3000 hours application of rated ripple current at 85°C.
|
Nichicon corporation
|
RM017A100JAN120 RM017A106JAJ650 RM017A106JAL650 RM |
RoHS Compliant SMPS Stacked MLC Capacitors
|
AVX Corporation
|
HQCC7M152GAH6A |
Hi-Q? High RF Power MLC Surface Mount Capacitors
|
AVX Corporation
|
CPDURT5V0C-HF |
Halogen Free ESD Diodes, V-C=14.5V, V-ESD=8kV Low Profile SMD ESD Protection Diode
|
Comchip Technology
|
|